Part Number Hot Search : 
TFS100B LTC1382 MBJ20 AQV203AX 30005 24008 MD2219 AM29F40
Product Description
Full Text Search

PFC-2320-3 -    Magnet Float

PFC-2320-3_8836521.PDF Datasheet


 Full text search :    Magnet Float


 Related Part Number
PART Description Maker
LR03-L05M-CPE LR03-L05M-PVC LR03-L10M-CPE LR03-L10 FLOAT SWITCHES
List of Unclassifed Manufacturers
ETC
RM200C-9 FLOAT PLATE ASSEMBLY
Winchester Electronics Corp...
TK1-001N-BRJ TK1-002N-BRJ Model TK1 Side-Mounted Float Level Switch
Magnetrol International, Inc.
TPL12800 a front terminal battery up to 12years expected life under normal float charge
CSB Battery Co., Ltd.
TPL121250 a front terminal baattery up to 12years expected life under normal float charge
CSB Battery Co., Ltd.
TPL12900 a front terminal battery up to 12years expected life under normal float charge
CSB Battery Co., Ltd.
LLF76Y100RN LLF77H100GN LLF77H100GV LLF78H100RN Compact, External Fitting, Low Level, Low S.G. Float Switch
Cynergy3 Co
MSJ300 a long sevice life battery up to 20years expected life under normal float charge
CSB Battery Co., Ltd.
PFC-1806-3    Magnet Float
PIC GmbH
RF-2424S RF-243.3S RF-243.3D RF-2424D RF-2415S RF- MICRO 51 SKT 36" RBW FLOAT ECONOLINE -直流/直流-转炉
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
TRI TNM PLUG F NOSEAL 0-4
TRI TNM PLUG F SEAL 0-8
RECOM Electronic GmbH
RECOM Power Inc.
RECOM[Recom International Power]
UVX2W153MHA UVX2W153MRAY UVX2ER33MRAY UVX2FR33MRAY SRL Series Rocker, 1 lamp circuit (Red) rectangle housing, DPDT, 3 position, Quick-connect, Snap-in panel
KPT 5C 5#16 PIN PLUG
GT 19C 19#12 SKT RECP
Crimp Pin Contact; Wire Size (AWG):14; Contact Size:12; Contact Current:26A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
Standard series for general purposes 标准系列一般用
CONNECTOR ASSEMBLIES 标准系列一般用
Aluminum Electrolytic Capacitors
INDUCTOR: 330UH, 1.0A, 0.56 OHM, PACKAGE 18.6MM X 15.3MM 标准系列一般用
SWITCH, PUSH BUTTON 标准系列一般用
Reed Switch; Pull-In Amp Turns Max:70; Pull-In Amp Turns Min:46; Circuitry:SPST-NO; Switching Current Max:1A; Switching Voltage Max:200VDC; Mounting Type:PCB; Body Length:15mm; Breakdown Voltage Min:500VDC 标准系列一般用
CCD LINEAR SENSOR B/W (5150 PIXEL) 标准系列一般用
FLOAT SWITCH, HORIZONTALFLOAT SWITCH, HORIZONTAL; Current, contact max:0.5A; Material:304 Grade; Temp, op. max:120(degree C); Configuration, contact:NO or NC; Current, switching AC max:0.5A; Diameter, float:17mm; Length / Height, 标准系列一般用
FLOAT SWITCH, HORIZONTALFLOAT SWITCH, HORIZONTAL; Current, contact max:0.1A; Material:304 Grade; Temp, op. max:120(degree C); Configuration, contact:NO or NC; Current, switching AC max:0.1A; Diameter, float:17mm; Length / Height, 标准系列一般用
Reed Switch; Pull-In Amp Turns Max:52; Pull-In Amp Turns Min:28; Circuitry:SPST-NO; Switching Current Max:1A; Switching Voltage Max:200VDC; Mounting Type:PCB; Body Length:15mm; Breakdown Voltage Min:400VDC 标准系列一般用
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:16; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 标准系列一般用
SZR-HY General Purpose Relay: Screw Terminal; DPDT; 12 Vdc 标准系列一般用
Aluminum Electrolytic Capacitor; Capacitance:4300uF; Capacitance Tolerance: 50, -10 %; Working Voltage, DC:200V; Terminal Type:Screw; Series:DCMC; ESR:46.1mohm; Lead Pitch:0.875"; Leaded Process Compatible:Yes 标准系列一般用
RGB Driver/Timing Generator, 72 pin, LQFP 标准系列一般用
RF/Coaxial Connector; RF Coax Type:BNC; Leaded Process Compatible:Yes RoHS Compliant: Yes
SZR-HY General Purpose Relay: Screw Terminal; DPDT; 200/240 Vac
List of Unclassifed Manufacturers
ETC
Electronic Theatre Controls, Inc.
Nichicon
NEC, Corp.
Vicor, Corp.
 
 Related keyword From Full Text Search System
PFC-2320-3 board PFC-2320-3 circuit PFC-2320-3 参数网 PFC-2320-3 gate threshold PFC-2320-3 for sale
PFC-2320-3 wire PFC-2320-3 configuration PFC-2320-3 Bipolar PFC-2320-3 zener PFC-2320-3 informacion de
 

 

Price & Availability of PFC-2320-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.22976803779602